Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F56519FDFB Datasheet(PDF) 49 Page - Renesas Technology Corp

No. de pieza R5F56519FDFB
Descripción Electrónicos  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F56519FDFB Datasheet HTML 45Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 46Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 47Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 48Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 49Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 50Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 51Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 52Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 49 of 246
Jun 20, 2019
Note 1. The 176-pin LFBGA does not include the E5 pin.
Note 2. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled.
R9
P53*2
BCLK
R10
VSS
R11
VCC
R12
P80
EDREQ0
MTIOC3B/
PO26
ET0_TX_EN/
RMII0_TXD_EN/
SCK10/RTS10#
QIO2-A/SDHI_WP/
MMC_D2-A
LCD_DA
TA14-A
R13
P76
CS6#
PO22
ET0_RX_CLK/
REF50CK0/
SMISO11/
SSCL11/RXD11
QSSL-A/
SDHI_CMD-A/
SDSI_CMD-A/
MMC_CMD-A
LCD_DA
TA18-A
R14
P74
A20/CS4#
PO19
ET0_ERXD1/
RMII0_RXD1/
SS11#/CTS11#
LCD_DA
TA21-A
R15
PC1
A17
MTIOC3A/
TCLKD/PO18
ET0_ERXD2/
SCK5/SSLA2-A
LCD_DA
TA22-A
IRQ12
Table 1.5
List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (8/8)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
177-Pin
TFLGA
176-Pin
LFBGA
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)