Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FN-2080 Datasheet(PDF) 2 Page - Schaffner International Ltd

No. de pieza FN-2080
Descripción Electrónicos  Multi-stage High Performance AC/DC EMI Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHAFFNER [Schaffner International Ltd]
Página de inicio  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-2080 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-2080 Datasheet HTML 1Page - Schaffner International Ltd FN-2080 Datasheet HTML 2Page - Schaffner International Ltd FN-2080 Datasheet HTML 3Page - Schaffner International Ltd FN-2080 Datasheet HTML 4Page - Schaffner International Ltd FN-2080 Datasheet HTML 5Page - Schaffner International Ltd FN-2080 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 23 Apr 2020
Filter selection table
Filter*
Buy
Rated current
Leakage current**
Power Loss
Inductance***
Capacitance***
Resistance***
Input/Output
Weight
@ 40°C (25°C)
@ 250 VAC/50 Hz
@25°C/DC
L
L1
Cx
Cy
R
connections
(@ 120 VAC/60 Hz)
[A]
[mA]
[W]
[mH]
[μH]
[μF]
[nF]
[kΩ]
[g]
FN2080-1-..
1 (1.2)
0.66 (0.38)
2.6
22
490
0.33
4.7
1000
-06
-07
200
FN2080-3-..
3 (3.5)
0.66 (0.38)
3.7
9.8
160
0.47
4.7
470
-06
-07
270
FN2080-6-..
6 (6.9)
0.66 (0.38)
5.7
7.8
110
1
4.7
220
-06
-07
470
FN2080-10-..
10 (11.5)
0.66 (0.38)
8.6
4.5
60
1
4.7
220
-06
-07
-08
750
FN2080-12-..
12 (13.8)
0.66 (0.38)
12.3
3.25
50
1
4.7
220
-06
-07
-08
750
FN2080-16-..
16 (18.4)
0.66 (0.38)
9.0
2.8
43
1
4.7
220
-06
-07
-08
1020
FN2080A-1-..
1 (1.2)
0.07 (0.04)
2.6
22
490
0.33
0.47
1000
-06
-07
200
FN2080A-3-..
3 (3.5)
0.07 (0.04)
3.7
9.8
160
0.47
0.47
470
-06
-07
270
FN2080A-6-..
6 (6.9)
0.07 (0.04)
5.7
7.8
110
1
0.47
220
-06
-07
470
FN2080A-10-..
10 (11.5)
0.07 (0.04)
8.6
4.5
60
1
0.47
220
-06
-07
-08
750
FN2080A-12-..
12 (13.8)
0.07 (0.04)
12.3
3.25
50
1
0.47
220
-06
-07
-08
750
FN2080A-16-..
16 (18.4)
0.07 (0.04)
9.0
2.8
43
1
0.47
220
-06
-07
-08
1020
FN2080B-1-..
1 (1.2)
0.00
2.6
22
490
0.33
1000
-06
-07
200
FN2080B-3-..
3 (3.5)
0.00
3.7
9.8
160
0.47
470
-06
-07
270
FN2080B-6-..
6 (6.9)
0.00
5.7
7.8
110
1
220
-06
-07
470
FN2080B-10-..
10 (11.5)
0.00
8.6
4.5
60
1
220
-06
-07
-08
750
FN2080B-12-..
12 (13.8)
0.00
12.3
3.25
50
1
220
-06
-07
-08
750
FN2080B-16-..
16 (18.4)
0.00
9.0
2.8
43
1
220
-06
-07
-08
1020
* To compile a complete part number, please replace the -.. with the required I/O connection style (e.g. FN 2080-16-08, FN 2080B-10-06).
** Maximum leakage under usual AC operating conditions (acc. IEC60939-3). Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
*** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%
Product selector
Example:
FN2080A-10-06
- A: Safety version (A)
- 10 Ampère current
- 06: fast-on terminals
Distribution inventory
Up-to-date inventory levels for global distributors is available at
https://products.schaffner.com/stock
or via the QR code printed on the right side



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com