Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVT16240DL Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74ALVT16240DL
Descripción Electrónicos  16-bit inverting buffer/driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240DL Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16240DL Datasheet HTML 1Page - NXP Semiconductors 74ALVT16240DL Datasheet HTML 2Page - NXP Semiconductors 74ALVT16240DL Datasheet HTML 3Page - NXP Semiconductors 74ALVT16240DL Datasheet HTML 4Page - NXP Semiconductors 74ALVT16240DL Datasheet HTML 5Page - NXP Semiconductors 74ALVT16240DL Datasheet HTML 6Page - NXP Semiconductors 74ALVT16240DL Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240DL Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
2 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
4.
Ordering information
5.
Functional diagram
Co
output capacitance
VI/O = 0 V or VCC
-9
-pF
ICC
supply current
outputs disabled;
VCC = 2.5 V
-
40
100
µA
outputs disabled;
VCC = 3.3 V
-
60
100
µA
Table 1:
Quick reference data …continued
Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ALVT16240DL
−40 °C to +85 °C
SSOP48
plastic shrink small outline package; 48 leads; body
width 7.5 mm
SOT370-1
74ALVT16240DGG
−40 °C to +85 °C
TSSOP48
plastic thin shrink small outline package; 48 leads;
body width 6.1 mm
SOT362-1
Fig 1.
Logic symbol
Fig 2.
Logic diagram
1
1
1
1
1
3
2
4
001aad262
33
32
30
29
27
26
16
17
19
20
22
23
47
46
44
43
41
40
38
37
36
35
2
3
5
6
8
9
11
12
13
14
24
25
1A0
1A1
1A2
1A3
2A0
2A1
2A2
2A3
3A0
3A1
3A2
3A3
4A0
4A1
4A2
4A3
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
48
1
4OE
1OE
2OE
3OE
EN1
EN2
EN3
EN4
001aad261
47
46
44
43
2
3
5
6
1A0
1A1
1A2
1A3
1Y0
1Y1
1Y2
1Y3
1
1OE
3OE
36
35
33
32
13
14
16
17
3A0
3A1
3A2
3A3
3Y0
3Y1
3Y2
3Y3
25
30
29
27
26
19
20
22
23
4A0
4A1
4A2
4A3
4Y0
4Y1
4Y2
4Y3
24
4OE
2OE
41
40
38
37
8
9
11
12
2A0
2A1
2A2
2A3
2Y0
2Y1
2Y2
2Y3
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16