Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BLUENRG-M2SA Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza BLUENRG-M2SA
Descripción Electrónicos  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button BLUENRG-M2SA Datasheet HTML 10Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 11Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 12Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 13Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 14Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 15Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 16Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 17Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
6.3
Reflow soldering
The BlueNRG-M2 is a high temperature strength surface mount Bluetooth® module supplied on a 23-pin
(BLUENRG-M2SA) or 20 pin (BLUENRG-M2SP), 4-layer PCB. The final assembly recommended reflow profiles
are indicated here below.
Soldering phase has to be executed with care: in order to avoid undesired melting phenomenon, particular
attention has to be taken on the set up of the peak temperature.
Here are some suggestions for the temperature profile based on the following recommendations.
Table 10. Soldering profile
Profile feature
PB-free assembly
Average ramp up rate (TSMAX to Tp)
3°C/ s max.
Preheat
temperature min (TS min.)
temperature max (TS max.)
time (tS min to tS max.) (tS)
150 °C
200 °C
60-100 s
Time maintained above:
Temperature TL
Time tL
217 °C
60-70 s
Peak temperature (TP)
245 (-0) °C
Time within 5 °C of peak temperature (TP -5°)
min. 30 s
Ramp down rate
6 °C/s
Time from 25 °C to peak temperature
8 minutes max.
Figure 7. Soldering profiles
BlueNRG-M2
Reflow soldering
DS13053 - Rev 2
page 14/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com