| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PWCT2136SFVMHPR Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PWCT2136SFVMHPR Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 65 page ![]() 2 Feature comparison The following figure summarizes the memory and package options for the MWCT101xS series and demonstrates where this device fits within the overall series. All devices which share a common package are pin-to-pin compatible. NOTE Availability of peripherals depends on the pin availability in a particular package. For more information see IO Signal Description Input Multiplexing sheet(s) attached with Reference Manual. Feature comparison MWCT101XS Data Sheet, Rev. 3, 12/2019 NXP Semiconductors 5 |