| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LS74 Datasheet(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SN74LS74 Datasheet(HTML) 3 Page - ON Semiconductor |
|
3 / 8 page ![]() SN74LS74A http://onsemi.com 3 DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified) Limits Symbol Parameter Min Typ Max Unit Test Conditions VIH Input HIGH Voltage 2.0 V Guaranteed Input HIGH Voltage for All Inputs VIL Input LOW Voltage 0.8 V Guaranteed Input LOW Voltage for All Inputs VIK Input Clamp Diode Voltage – 0.65 – 1.5 V VCC = MIN, IIN = – 18 mA VOH Output HIGH Voltage 2.7 3.5 V VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table VO Output LOW Voltage 0.25 0.4 V IOL = 4.0 mA VCC = VCC MIN, VIN =VIL or VIH VOL Output LOW Voltage 0.35 0.5 V IOL = 8.0 mA VIN = VIL or VIH per Truth Table IIH Input High Current Data, Clock Set, Clear 20 40 µA VCC = MAX, VIN = 2.7 V IH Data, Clock Set, Clear 0.1 0.2 mA VCC = MAX, VIN = 7.0 V IIL Input LOW Current Data, Clock Set, Clear – 0.4 – 0.8 mA VCC = MAX, VIN = 0.4 V IOS Output Short Circuit Current (Note 1) –20 –100 mA VCC = MAX ICC Power Supply Current 8.0 mA VCC = MAX Note 1: Not more than one output should be shorted at a time, nor for more than 1 second. AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V) Limits Symbol Parameter Min Typ Max Unit Test Conditions fMAX Maximum Clock Frequency 25 33 MHz Figure 1 V 50 V tPLH Clock Clear Set to Output 13 25 ns Figure 1 VCC = 5.0 V CL = 15 pF PLH tPHL Clock, Clear, Set to Output 25 40 ns Figure 1 CL = 15 F AC SETUP REQUIREMENTS (TA = 25°C) Limits Symbol Parameter Min Typ Max Unit Test Conditions tW(H) Clock 25 ns Figure 1 tW(L) Clear, Set 25 ns Figure 2 t Data Setup Time — HIGH 20 ns Figure 1 VCC = 5.0 V ts Data Setup Time — LOW 20 ns Figure 1 th Hold Time 5.0 ns Figure 1 |