Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CFM40S360 Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

No. de pieza CFM40S360
Descripción Electrónicos  40/60 WATT OPEN FRAME AC-DC MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CINCON [CINCON ELECTRONICS Corporation]
Página de inicio  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40S360 Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM40S360 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40S360 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40S360 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V15
3
Mechanical Specification
LED
VR
4.000 [101.60]
0.150 [3.80]
0.150 [3.80]
4-
Φ0
.12
5 [
Φ3
.18
]
0.039 [1.00]
0.071 [1.80]
-Vout
+Vout
ACL
ACN
3.520 [89.40]
0.246 [6.25]
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
ACN
ACL
Vout(+)
Vout(-)
LED
VR
4.000 [101.60]
0.150 [3.80]
3.701 [94.00]
0.150 [3.80]
4-
Φ0
.12
5 [
Φ3
.18
]
CFM40SXXX-P/CFM60SXXX-P
(Input and Output connector with PIN)
CFM40SXXX/CFM60SXXX
4.606 [117.00]
0.846 [21.50]
0.236 [6.00]
2.362 [60.00]
2.441 [62.00]
0.236 [6.00]
M3
x0
.5*
4
0.039 [1.00]
3.701 [94.00]
CFM40SXXX/CFM60SXXX-CA
PE
PE
PE
PE
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com