Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PWCT2005AFVLLPNT Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza PWCT2005AFVLLPNT
Descripción Electrónicos  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2005AFVLLPNT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PWCT2005AFVLLPNT Datasheet HTML 4Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 5Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 6Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 7Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 8Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 9Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 10Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 11Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
3.2 Ordering information
Product status
P: Pre Qualification
M: Fully Qualified
Product line
WCT: Wireless Charging
Technology
Generation
1: 1st product Gen
2: 2nd product Gen
Core platform
F: Arm Cortex M4F
Memory size (Flash)
Temperature
V: -40C to 105C
Tape and Reel
T: Trays and Tubes
R: Tape and Reel
Package
LQFP
BGA
64
LH
Pins
100
LL
MH
-
Application
Blank =Customer
A = Auto/Industr
S = A + AUTOSAR
Power Class
0 = 5 W
1 = 15 W
2 = 60 W
3 =200 W
Config
0 = Standard
1 = Premium
Product status
Product line
Generation
Config
Power Class
Memory Size
Application
Core Platform
Temperature
Package
Features
Tape and Reel
Features
P = No CAN-FD
and CSEc
M/P WCT 1 0 1 4 S F V LH P N R
M4F
4
5
6
512 K
1 M
2 M
Includes stack
Blank = No stack
N = NFC
Includes stack
Figure 3. Ordering information
Ordering parts
MWCT101XS Data Sheet, Rev. 3, 12/2019
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com