Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PWCT2124AFVLLPNT Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza PWCT2124AFVLLPNT
Descripción Electrónicos  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2124AFVLLPNT Datasheet(HTML) 4 Page - NXP Semiconductors

  PWCT2124AFVLLPNT Datasheet HTML 1Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 2Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 3Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 4Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 5Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 6Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 7Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 8Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
1 Block diagram
The figure below shows a superset high level architecture block diagram of the device.
Other devices within the family have a subset of the features. See Feature comparison for
chip specific values.
Mux
Trace
port
Crossbar switch (AXBS-Lite)
eDMA
DMA
MUX
Core
Peripheral bus controller
CRC
WDOG
S1
M0
M1
DSP
NVIC
ITM
FPB
DWT
AWIC
SWJ-DP
TPIU
JTAG &
Serial Wire
Arm Cortex M4F
AHB-AP
PPB
M2
S2
GPIO
Mux
FPU
Clock
SPLL
LPO
128 kHz
Async
512B
TCD
LPIT
LPI2C
FlexIO
Flash memory
controller
Code flash
S0
Data flash
Low Power
Timer
12-bit ADC
TRGMUX
LPUART
LPSPI
FlexCAN
FlexTimer
PDB
generation
LPIT
Peripherals present
on all MWCT101xS devices
Peripherals present
on selected MWCT101xS devices
Key:
Device architectural IP
on all MWCT101xS devices
S3
FIRC
48 MHz
M3
SOSC
8-40 MHz
(see the "Feature Comparison"
memory
memory
4-40 MHz
QuadSPI
RTC
CMP
8-bit DAC
SIRC
8 MHz
FlexRAM/
SRAM
1: On this device, NXP’s system MPU implements the safety mechanisms to prevent masters from
accessing restricted memory regions. This system MPU provides memory protection at the
level of the Crossbar Switch. Each Crossbar master (Core, DMA) can be assigned
different access rights to each protected memory region. The Arm M4 core version in this family
does not integrate the Arm Core MPU, which would concurrently monitor only core-initiated memory
accesses. In this document, the term MPU refers to NXP’s system MPU.
2: For the device-specific sizes, see the "On-chip SRAM sizes" table in the "Memories and Memory Interfaces"
chapter of the MWCT101xS Series Reference Manual.
section in the RM)
ERM
EWM
MCM
Lower region
Upper region
Main SRAM2
Code Cache
EIM
LMEM
controller
LMEM
QSPI
CSEc3
System MPU1
System MPU1
System MPU1
3: CSEc (Security) or EEPROM writes/erase will trigger error flags in HSRUN mode (112 MHz) because this
use case is not allowed to execute simultaneously. The device needs to switch to RUN mode (80 MHz) to
execute CSEc (Security) or EEPROM writes/erase.
Figure 1. High-level architecture diagram for the MWCT101xS family
Block diagram
MWCT101XS Data Sheet, Rev. 3, 12/2019
4
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com