Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PWCT2014AFVLLPNT Datasheet(PDF) 13 Page - NXP Semiconductors

No. de pieza PWCT2014AFVLLPNT
Descripción Electrónicos  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2014AFVLLPNT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PWCT2014AFVLLPNT Datasheet HTML 9Page - NXP Semiconductors PWCT2014AFVLLPNT Datasheet HTML 10Page - NXP Semiconductors PWCT2014AFVLLPNT Datasheet HTML 11Page - NXP Semiconductors PWCT2014AFVLLPNT Datasheet HTML 12Page - NXP Semiconductors PWCT2014AFVLLPNT Datasheet HTML 13Page - NXP Semiconductors PWCT2014AFVLLPNT Datasheet HTML 14Page - NXP Semiconductors PWCT2014AFVLLPNT Datasheet HTML 15Page - NXP Semiconductors PWCT2014AFVLLPNT Datasheet HTML 16Page - NXP Semiconductors PWCT2014AFVLLPNT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
4.5 LVR, LVD and POR operating requirements
Table 5. VDD supply LVR, LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Rising and falling VDD POR detect voltage
1.1
1.6
2.0
V
VLVR
LVR falling threshold (RUN, HSRUN, and
STOP modes)
2.50
2.58
2.7
V
VLVR_HYST
LVR hysteresis
—
45
—
mV
1
VLVR_LP
LVR falling threshold (VLPS/VLPR modes)
1.97
2.22
2.44
V
VLVD
Falling low-voltage detect threshold
2.8
2.875
3
V
VLVD_HYST
LVD hysteresis
—
50
—
mV
1
VLVW
Falling low-voltage warning threshold
4.19
4.305
4.5
V
VLVW_HYST
LVW hysteresis
—
75
—
mV
1
VBG
Bandgap voltage reference
0.97
1.00
1.03
V
1. Rising threshold is the sum of falling threshold and hysteresis voltage.
4.6 Power mode transition operating behaviors
All specifications in the following table assume this clock configuration:
• RUN Mode:
• Clock source: FIRC
• SYS_CLK/CORE_CLK = 48 MHz
• BUS_CLK = 48 MHz
• FLASH_CLK = 24 MHz
• HSRUN Mode:
• Clock source: SPLL
• SYS_CLK/CORE_CLK = 112 MHz
• BUS_CLK = 56 MHz
• FLASH_CLK = 28 MHz
• VLPR Mode:
• Clock source: SIRC
• SYS_CLK/CORE_CLK = 4 MHz
• BUS_CLK = 4 MHz
• FLASH_CLK = 1 MHz
• STOP1/STOP2 Mode:
• Clock source: FIRC
• SYS_CLK/CORE_CLK = 48 MHz
General
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com