| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LS192D Datasheet(PDF) 4 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SN74LS192D Datasheet(HTML) 4 Page - ON Semiconductor |
|
4 / 7 page ![]() 5-4 FAST AND LS TTL DATA SN54/74LS192 • SN54/74LS193 FUNCTIONAL DESCRIPTION The LS192 and LS193 are Asynchronously Presettable Decade and 4-Bit Binary Synchronous UP / DOWN (Revers- able) Counters. The operating modes of the LS192 decade counter and the LS193 binary counter are identical, with the only difference being the count sequences as noted in the State Diagrams. Each circuit contains four master/slave flip-flops, with internal gating and steering logic to provide master reset, individual preset, count up and count down operations. Each flip-flop contains JK feedback from slave to master such that a LOW-to-HIGH transition on its T input causes the slave, and thus the Q output to change state. Synchronous switching, as opposed to ripple counting, is achieved by driving the steering gates of all stages from a common Count Up line and a common Count Down line, thereby causing all state changes to be initiated simultaneously. A LOW-to-HIGH transition on the Count Up input will advance the count by one; a similar transition on the Count Down input will decrease the count by one. While counting with one clock input, the other should be held HIGH. Otherwise, the circuit will either count by twos or not at all, depending on the state of the first flip-flop, which cannot toggle as long as either Clock input is LOW. The Terminal Count Up (TCU) and Terminal Count Down (TCD) outputs are normally HIGH. When a circuit has reached the maximum count state (9 for the LS192, 15 for the LS193), the next HIGH-to-LOW transition of the Count Up Clock will cause TCU to go LOW. TCU will stay LOW until CPU goes HIGH again, thus effectively repeating the Count Up Clock, but delayed by two gate delays. Similarly, the TCD output will go LOW when the circuit is in the zero state and the Count Down Clock goes LOW. Since the TC outputs repeat the clock waveforms, they can be used as the clock input signals to the next higher order circuit in a multistage counter. Each circuit has an asynchronous parallel load capability permitting the counter to be preset. When the Parallel Load (PL) and the Master Reset (MR) inputs are LOW, information present on the Parallel Data inputs (P0, P3) is loaded into the counter and appears on the outputs regardless of the conditions of the clock inputs. A HIGH signal on the Master Reset input will disable the preset gates, override both Clock inputs, and latch each Q output in the LOW state. If one of the Clock inputs is LOW during and after a reset or load operation, the next LOW-to-HIGH transition of that Clock will be interpreted as a legitimate signal and will be counted. MODE SELECT TABLE MR PL CPU CPD MODE H X X X Reset (Asyn.) L L X X Preset (Asyn.) L H H H No Change L H H Count Up L H H Count Down L = LOW Voltage Level H = HIGH Voltage Level X = Don’t Care = LOW-to-HIGH Clock Transition |