| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAS3509F Datasheet(PDF) 45 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3509F Datasheet(HTML) 45 Page - Micronas |
|
45 / 92 page ![]() DATA SHEET MAS 35x9F Micronas June 30, 2004; 6251-505-1DS 45 3.4. Audio Codec Access Protocol The MAS 35x9F has 16-bit wide registers for the con- trol of the audio codec. These registers are accessed via the I2C subaddresses codec_write (6Chex) and codec_read (6Dhex). 3.4.1. Write Codec Register The controller writes the 16-bit value ( d = d3,d2,d1,d0) into the MAS 35x9F codec register ( r = r3,r2,r1,r0). A list of registers is given in Table 3–16. Example: Writing the value 1234hex into the codec reg- ister with the number 00 1Bhex: <DW 6c 00 1b 12 34> 3.4.2. Read Codec Register Reading the codec registers also needs a set-up for the register address and an additional start condition during the actual read cycle. A list of status registers is given in Table 3–17. S DW codec_write r3,r2 r1,r0 P d3,d2 d1,d0 WA A A A A A 1) send command 2) get register value SDW S DW codec_write r3,r2 r1,r0 P codec_read S DR N A P WA A A A WA A WA d3,d2 d1,d0 |