Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F072RBT6 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STM32F072RBT6
Descripción Electrónicos  Discovery kit for STM32F072xx microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072RBT6 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F072RBT6 Datasheet HTML 1Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 2Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 3Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 4Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DB2102 Rev 4
2/5
Ordering information
5
1
Ordering information
To order the 32F072BDISCOVERY Discovery kit, refer to Table 1. For a detailed
description, refer to the user manual on the product web page. Additional information is
available from the datasheet and reference manual of the target STM32.
1.1
Product marking
Evaluation tools marked as “ES” or “E” are not yet qualified and are therefore not ready to
be used as reference designs or in production. Any consequences arising from such usage
will not be at ST’s charge. In no event will ST be liable for any customer usage of these
engineering sample tools as reference designs or in production.
‘E’ or ‘ES’ marking examples of location:
•
on the targeted STM32 that is soldered on the board (For an illustration of STM32
marking, refer to the section ‘Package information’ of the STM32 datasheet at
www.st.com).
•
next to the evaluation tool ordering part number, that is stuck or silkscreen printed on
the board
1.2
Codification
The meaning of the codification is explained in Table 2.
Table 1. Ordering information
Order code
Board reference
User manual
Target STM32
STM32F072B-DISCO
MB1076
UM1690
STM32F072RBT6
Table 2. Codification explanation
32XXYYZDISCOVERY
Description
Example: 32F072BDISCOVERY
32XX
MCU series in STM32 32-bit Arm
Cortex MCUs
STM32F0 Series
YY
MCU product line in the series
STM32F072
Z
STM32 Flash memory size:
– B for 128 Kbytes
128 Kbytes
DISCOVERY
Discovery kit
Discovery kit



Html Pages

1 2 3 4 5