| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG5401F Datasheet(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADG5401F Datasheet(HTML) 3 Page - Analog Devices |
|
3 / 32 page ![]() Data Sheet ADG5401F Rev. 0 | Page 3 of 32 SPECIFICATIONS Table 1. Operating Supply Voltages Parameter Min Typ Max Unit SUPPLY VOLTAGE Dual ±5 ±22 V Single 8 44 V ±15 V DUAL SUPPLY VDD = 15 V ± 10%, VSS = −15 V ± 10%, and GND = 0 V, unless otherwise noted. Table 2. Parameter +25°C −40°C to +85°C −40°C to +125°C Unit Test Conditions/Comments ANALOG SWITCH VDD = 13.5 V, VSS = −13.5 V Analog Signal Range VSS to VDD − 2 V On Resistance, RON 6 Ω typ Source voltage (VS) = VSS to 10 V, source current (IS) = 10 mA 8.5 10.5 12.5 Ω max 5.5 Ω typ VS = VSS to 9 V, IS = 10 mA 7.5 9.5 11.5 Ω max On-Resistance Flatness, RFLAT (ON) 0.35 Ω typ VS = VSS to 10 V, IS = 10 mA 0.5 0.6 0.7 Ω max 0.02 Ω typ VS = VSS to 9 V, IS = 10 mA 0.04 0.05 0.05 Ω max Feedback On Resistance, RFEEDBACK 0.6 kΩ typ VS = VSS to 10 V, IS = −100 µA 2.6 3.3 3.8 kΩ max LEAKAGE CURRENTS VDD = 16.5 V, VSS = −16.5 V Source Off Leakage, IS (Off) ±0.1 nA typ VS = ±10 V, drain voltage (VD) = 10 V ±0.15 ±2.5 ±35 nA max ±11.5 nA max −40°C to +105°C Drain Off Leakage, ID (Off) ±0.1 nA typ VS = ±10 V, VD = 10 V ±0.15 ±2.5 ±35 nA max ±11.5 nA max −40°C to +105°C Channel On Leakage, ID (On), IS (On) ±0.1 nA typ VS = ±10 V, VD = ±10 V ±0.3 ±3 ±40 nA max ±12 nA max −40°C to +105°C Source Feedback Off Leakage, ISFB (Off) ±0.1 nA typ SFB voltage (VSFB) = ±10 V, DFB voltage (VDFB) = 10 V ±0.15 ±2.5 ±35 nA max ±11.5 nA max −40°C to +105°C Drain Feedback Off Leakage, IDFB (Off) ±0.1 nA typ VSFB = ±10 V, VDFB = 10 V ±0.15 ±2.5 ±35 nA max ±11.5 nA max −40°C to +105°C Channel On Feedback Leakage, IDFB (On), ISFB (On) ±0.1 nA typ VSFB = ±10 V, VDFB = ±10 V ±0.3 ±3 ±40 nA max ±12 nA max −40°C to +105°C |