Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PL10C Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

No. de pieza PL10C
Descripción Electrónicos  Low Noise Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SJM [SJM Prewell. All Rights Reserved.]
Página de inicio  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL10C Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PL10C Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL10C Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL10C Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.prewell.com
2
Low Noise Amplifier
SJM PREWELL
PL10C
Products and product information are subject to change without notice. Version 10
0
200
400
600
800
1000
1200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (MHz)
25°C
P1dB vs. Frequency
0
200
400
600
800
1000
1200
10
12
14
16
18
20
22
24
Frequency (MHz)
25°C
-40°C
85°C
0
200
400
600
800
1000
1200
20
25
30
35
40
Frequency (MHz)
25°C
-40°C
85°C
OIP3 vs. Frequency
200
400
600
800
50
55
60
65
70
75
25°C
Frequency (MHz)
200
400
600
800
50
55
60
65
70
75
25°C
Frequency (MHz)
CTB vs. Frequency
98 channels, +15dBmV/channel flat loading
CSO vs. Frequency
98 channels, +15dBmV/channel flat loading
0
200
400
600
800
1000
1200
-30
-20
-10
0
10
20
S11
S22
Frequency (MHz)
25°C
-40°C
85°C
S21
RF IN
RF OUT
10nF
10nF
1.2uH
10nF
1uF
5V
10nF
27nH
1K ohm
200 ohm
2.7nH
1.0pF
10nH
(Wirewound)
40 MHz
– 1200 MHz Application Circuit
Note 1 : OIP3 measured with two tones at an output power of 0dBm/tone
Note 2 : 5V/ 50mA, CSO/CTB Test Condition : 15dBmV/98ch, T=25°C
S-Parameter
NF vs. Frequency



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com