| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M1E2G6I6-R Datasheet(PDF) 1 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
M1E2G6I6-R Datasheet(HTML) 1 Page - Silicom Ltd. |
|
1 / 5 page ![]() Silicom Ltd. Connectivity Solutions Page 1 M1E2G6i6 Six Port Copper Gigabit Ethernet ExpressModule Server Adapter Product Description Silicom’s Six Port Copper Gigabit Ethernet ExpressModule Server adapter is PCI-Express X8 Copper Gigabit Ethernet network interface card that contain Multiple / Single Gigabit port/s on a PCI-Express adapter. Silicom’s Six Port Copper Gigabit Ethernet ExpressModule Server adapter is designed for Servers and high-end appliances. The performance is optimized so that system I/O is not the bottleneck in high-performance networking applications. Silicom’s Six Port Copper Gigabit Ethernet ExpressModule Server adapter enable fault-tolerant via teaming. Traffic from the failed port is routed through other members of the team. Silicom’s Six Port Copper Gigabit Ethernet ExpressModule Server adapter has an integrated hardware acceleration that performs TCP/UDP/IP checksum offload and TCP segmentation. The host processing offloads accelerators frees CPU for application processing. Silicom’s Six Port Copper Gigabit Ethernet ExpressModule Server adapter is the ideal solution for implementing multiple network segments, mission-critical high-powered networking applications and environments within high performance servers. Key Features Performance Features: 16 Transmit and Receive queues per port Up to 16 queues of Receive Side Scaling (RSS) minimize CPU utilization across multiple processor systems Support for 8 pools of virtual machine Device Queues (VMDq) per port Support Direct Cache Access (DCA) Support Intel I/O AT 2.0. TSO interleaving for reduced latency UDP TSO Minimized device I/O interrupts using MSI and MSI-X Offload of TCP / IP / UDP checksum calculation and TCP segmentation SCTP receive and transmit checksum offload Packet interrupt coalescing timers (packet timers) and absolute- delay interrupt timers for both transmit and receive operation |
Número de pieza similar - M1E2G6I6-R |
|
Descripción similar - M1E2G6I6-R |