Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SH79F166AP044PR Datasheet(PDF) 99 Page - List of Unclassifed Manufacturers

No. de pieza SH79F166AP044PR
Descripción Electrónicos  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 95Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 96Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 97Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 98Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 99Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 100Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 101Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 102Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
SH79F166A
99
9.
指令集
算术操作指令
指令
功能描述
代码
字节
周期
ADD A, Rn
累加器加寄存器
0x28-0x2F
1
1
ADD A, direct
累加器加直接寻址字节
0x25
2
2
ADD A, @Ri
累加器加内部RAM
0x26-0x27
1
2
ADD A, #data
累加器加立即数
0x24
2
2
ADDC A, Rn
累加器加寄存器和进位位
0x38-0x3F
1
1
ADDC A, direct
累加器加直接寻址字节和进位位
0x35
2
2
ADDC A, @Ri
累加器加内部RAM和进位位
0x36-0x37
1
2
ADDC A, #data
累加器加立即数和进位位
0x34
2
2
SUBB A, Rn
累加器减寄存器和借位位
0x98-0x9F
1
1
SUBB A, direct
累加器减直接寻址字节和借位位
0x95
2
2
SUBB A, @Ri
累加器减内部RAM和借位位
0x96-0x97
1
2
SUBB A, #data
累加器减立即数和借位位
0x94
2
2
INC A
累加器加1
0x04
1
1
INC Rn
寄存器加1
0x08-0x0F
1
2
INC direct
直接寻址字节加1
0x05
2
3
INC @Ri
内部RAM加1
0x06-0x07
1
3
DEC A
累加器减1
0x14
1
1
DEC Rn
寄存器减1
0x18-0x1F
1
2
DEC direct
直接寻址字节减1
0x15
2
3
DEC @Ri
内部RAM减1
0x16-0x17
1
3
INC DPTR
数据指针加1
0xA3
1
4
MUL AB
8 X 8
16 X 8
累加器乘寄存器B
0xA4
1
11
20
DIV AB
8 / 8
16 / 8
累加器除以寄存器B
0x84
1
11
20
DA A
十进制调整
0xD4
1
1