Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSS5MMP Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

No. de pieza MSS5MMP
Descripción Electrónicos  Sales Outline Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MSPI [Mallory Sonalert Products Inc]
Página de inicio  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSS5MMP Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSS5MMP Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
1546
Not cUL Recognized
1547 cUL Recognized
*Ipk = Instantaneous Peak
<70mA Typ.
<150mA Typ.
150 to 4000 Hz
Connect " + " to " + " & " - " &
Medium to " - " of Power Supply
PATENT NUMBER: 7880593
85 to 95 dB(A) Typ.
Connect " + " to " + " & " - " & High to
" - " of Power Supply
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
ROHS Compliant
6.0g
Connection:
Connect " + " to " + " &
" - " to " - " of Power
Supply
-30° to +60° C
Voltage Rating:
Average Current Draw:
Weight (Typical):
Please contact factory.
Options:
<45mA Typ.
Ipk Current*:
Medium Priority Alarm
3 beeps repeating every 7.5 sec
Specifications:
MSS5MMP
D
Mallory Sonalert Products,Inc.
Sales Outline Drawing
cUL Recognized to IEC60601-1-8 - Artificial Perfusion MELODY
Loud
Loud
High Priority Alarm
10 beeps repeating every 2.5 sec
400mA
Sound Level Category:
Mode of Operation:
85 to 95 dB(A) Typ.
Before Code Date:
After Code Date:
cUL Recognized
Loud
Loudness @ 10cm:
Valox (UL94V-0), Octagonal, Black
85 to 95 dB(A) Typ.
5 ± 0.5 VDC
Low Priority Alarm
2 beeps repeating every
30 sec
Frequency:
Dimensions:
Housing Material:
Storage Temperature:
Operating Temperature:
-30° to +55° C
Inches [mm]
SONALERT
Made in U.S.A.
R


Número de pieza similar - MSS5MMP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mallory Sonalert Produc...
MSS5MMC MSPI-MSS5MMC Datasheet
43Kb / 1P
Sales Outline Drawing
MSS5MMD MSPI-MSS5MMD Datasheet
43Kb / 1P
Sales Outline Drawing
MSS5MME MSPI-MSS5MME Datasheet
43Kb / 1P
Sales Outline Drawing
MSS5MMG MSPI-MSS5MMG Datasheet
43Kb / 1P
Sales Outline Drawing
MSS5MMT MSPI-MSS5MMT Datasheet
43Kb / 1P
Sales Outline Drawing
More results

Descripción similar - MSS5MMP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
Sales Outline Drawing
logo
Mallory Sonalert Produc...
AST100Q MSPI-AST100Q Datasheet
93Kb / 1P
Sales Outline Drawing
AST100TRQ MSPI-AST100TRQ Datasheet
93Kb / 1P
Sales Outline Drawing
AST501Q MSPI-AST501Q Datasheet
110Kb / 1P
Sales Outline Drawing
AST0727MW-3.6ATRQ MSPI-AST0727MW-3.6ATRQ Datasheet
172Kb / 1P
Sales Outline Drawing
AST0927ME-05TRQ MSPI-AST0927ME-05TRQ Datasheet
100Kb / 1P
Sales Outline Drawing
AST0927MW-03Q MSPI-AST0927MW-03Q Datasheet
118Kb / 1P
Sales Outline Drawing
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com