Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBT5089 Datasheet(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza MMBT5089
Descripción Electrónicos  NPN Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MMBT5089 Datasheet(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MMBT5089 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT5089 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT5089 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT5089 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT5089 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT5089 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBT5089 SOT-23
4 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
.
Typical Characterisitics
Contours of Constant Gain
Bandwidth Product (f )
0.1
1
10
100
1
2
3
5
7
10
I - COLLECTOR CURRENT (mA)
C
175 MHz
T
150 MHz
125 MHz
75 MHz
100 MHz
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
125
250
375
500
625
TEMPERATURE ( C)
o
Noise Figure vs Frequency
0.0001 0.001
0.01
0.1
1
10
100
0
2
4
6
8
10
f - FREQUENCY (MHz)
V
= 5.0V
CE
I = 200 A,
R = 10 k
C
S
I = 1.0 mA,
R = 500
C
S
I = 100 A,
R = 10 k
C
S
I = 1.0 mA,
R = 5.0 k
C
S
Contours of Constant
Narrow Band Noise Figure
1
10
100
1,000
100
200
500
1,000
2,000
5,000
10,000
I - COLLECTOR CURRENT ( A)
C
V
= 5.0 V
f = 100 Hz
BANDWIDTH
= 20 Hz
CE
3.0 dB
4.0 dB
8.0 dB
10 dB
12 dB
14 dB
6.0 dB
Contours of Constant
Narrow Band Noise Figure
1
10
100
1000
100
200
500
1000
2000
5000
10000
I - COLLECTOR CURRENT ( A)
6.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
1.0 dB
C
V = 5.0V
f = 10kHz
BANDWIDTH
= 2.0kHz
CE
Contours of Constant
Narrow Band Noise Figure
0.01
0.1
1
10
100
200
500
1000
2000
5000
10000
I - COLLECTOR CURRENT ( A)
7.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
5.0
dB
C
V
=
5.0V
CE
f = 1.0 MHz
BANDWIDTH
= 200kHz
6.0
dB



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com