| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC271ACPSR Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC271ACPSR Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 84 page ![]() TLC271, TLC271A, TLC271B LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)† Figure 32 0 CL – Capacitive Load – pF 50 ° 100 25 ° 20 40 60 80 30 ° 35 ° 40 ° 45 ° See Figure 100 VI = 10 mV TA = 25°C VDD = 5 mV PHASE MARGIN vs CAPACITIVE LOAD Figure 33 1 f – Frequency – Hz 400 1000 0 100 200 300 10 100 EQUIVALENT NOISE VOLTAGE vs FREQUENCY 350 250 150 50 VDD = 5 V TA = 25°C RS = 20 Ω See Figure 99 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |