Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB110F Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza MB110F
Descripción Electrónicos  1A SURFACE MOUNT SCHOTTKY BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB110F Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MB110F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB110F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB110F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB14F THRU MB120F MBF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
1A SURFACE MOUNT SCHOTTKY BRIDGE
RECTIFIER Reverse Voltage - 40 to 200 V
Forward Current - 1A
FEATURES
High current capability
Low forward voltage drop
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: MBF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 88mg / 0.0031oz
 
 
 
 
 
 
MBF
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
MB14F
MB16F
MB18F
MB110F
MB120F
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
40
60
80
100
200
V
Maximum RMS voltage
VRMS
28
42
56
70
140
V
Maximum DC Blocking Voltage
VDC
40
60
80
100
200
V
Average Rectified Output Current
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load(JEDEC
method)
IFSM
40
30
A
Max Instantaneous Forward Voltage at 1 A
VF
0.55
0.70
0.85
0.90
V
@
TA=25°C
0.3
0.2
0.1
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
TA=100°C
IR
10
5
2
μA
Typical Junction Capacitance(Note1)
Cj
110
80
pF
Typical Thermal Resistance (Note2)
RθJA
100
°C/W
Operating and Storage Temperature Range
Tj
-55 ~ +125
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
(
1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(
2)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.


Número de pieza similar - MB110F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PACELEADER INDUSTRIAL
MB110F PACELEADER-MB110F Datasheet
242Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
MB110F JUXING-MB110F Datasheet
868Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifer
logo
DONGGUAN YOU FENG WEI E...
MB110F YFWDIODE-MB110F Datasheet
91Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Guangdong Juxing Electr...
MB110F JUXING-MB110F Datasheet
793Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MB110F SECOS-MB110F Datasheet
210Kb / 2P
100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
More results

Descripción similar - MB110F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DONGGUAN YOU FENG WEI E...
MB14F YFWDIODE-MB14F Datasheet
91Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14F-MBF YFWDIODE-MB14F-MBF Datasheet
427Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14S-MBS YFWDIODE-MB14S-MBS Datasheet
433Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
TB14F-ABF YFWDIODE-TB14F-ABF Datasheet
422Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
TB14S-LBF YFWDIODE-TB14S-LBF Datasheet
422Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14S YFWDIODE-MB14S Datasheet
500Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
TB14S YFWDIODE-TB14S Datasheet
508Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
UMB14 YFWDIODE-UMB14 Datasheet
434Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB14FK SKTECHNOLGY-MB14FK Datasheet
286Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14S SKTECHNOLGY-MB14S Datasheet
298Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com