| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASM1817-5/T Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM1817-5/T Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation |
|
4 / 9 page ![]() ASM1817 4 of 9 Notice: The information in this document is subject to change without notice Low Power, 3.3V/3.0V µP Reset rev 1.5 February 2005 Absolute Maximum Ratings Electrical Characteristics Unless otherwise noted, VCC = 1.2V to 5.5V and specifications are over the operating temperature range of -40°C to +85°C. All voltages are referenced to ground Parameter Min Max Unit Voltage on VCC -0.5 7 V Voltage on RESET -0.5 VCC + 0.5 V Operating Temperature Range -40 85 °C Soldering Temperature (for 10 sec) 260 °C Storage Temperature -55 125 °C ESD rating HBM MM 2 200 KV V NOTE: These are stress ratings only and functional use is not implied. Exposure to absolute maximum rat- ings for prolonged periods of time may affect device reliability. Parameter Symbol Conditions Min Typ Max Unit Supply voltage VCC 1.2 5.5 V Output Voltage VOH IOUT < 500 µA VCC - 0.5V VCC - 0.1V V Output Current IOH Output = 2.4V, VCC > 2.7V 350 µA Output Current IOL Output = 0.4V, VCC > 2.7V +10 mA Operating Current ICC VCC < 5.5V, RESET output open 820 µA Operating Current ICC VCC < 3.6V, RESET output open 615 µA VCC Trip Point (ASM1817R-5) VCCTP 2.98 3.06 3.15 V VCC Trip Point (ASM1817R-10) VCCTP 2.80 2.88 2.97 V VCC Trip Point (ASM1817R-20) VCCTP 2.47 2.55 2.64 V Output Capacitance COUT 10 pF VCC Detect to RESET Low tRPD 25 µs VCC Slew Rate (VCCTP (MAX) to VCCTP (MIN) tF 300 µs VCC Slew Rate (VCCTP (MIN) to VCCTP (MAX) tR 0ns VCC Detect to RESET High tRPU tr = 5µs 100 150 250 ms Note: The tF value is for reference in defining values for tRPD and should not be considered for proper operation or use. |