Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFX24-MFT95N4 Datasheet(PDF) 3 Page - BELIMO AIRCONTROLS (USA), INC

No. de pieza AFX24-MFT95N4
Descripción Electrónicos  NEMA 4, Modulating, Spring Return, 24 V, 0 to 135 A Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Página de inicio  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFX24-MFT95N4 Datasheet(HTML) 3 Page - BELIMO AIRCONTROLS (USA), INC

  AFX24-MFT95N4 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AFX24-MFT95N4 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC AFX24-MFT95N4 Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC AFX24-MFT95N4 Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Accessories
AF-P
Anti-rotation bracket AF/NF.
KG10A
Ball joint
KH10
Damper crank arm
SH10
Push rod for KG10A ball joint (36” L, 3/8” diameter).
TOOL-06
8 mm and 10 mm wrench.
TOOL-07
13 mm wrench.
ZG-DC1
Damper clip for damper blade, 3.5” width.
ZG-DC2
Damper clip for damper blade, 6” width.
ZG-JSA-1
1” diameter jackshaft adaptor (11” L).
ZG-JSA-2
1-5/16” diameter jackshaft adaptor (12” L).
ZG-JSA-3
1.05” diameter jackshaft adaptor (12” L).
11097-00001 Gasket for cable gland (for NEMA 4 models).
43442-00001 Cable gland (for NEMA 4 models).
MFT-P
Belimo PC-Tool
P475
Shaft mount, non-Mercury aux. switch for 1/2” dia. shafts.
P475-1
Shaft mount, non-Mercury aux. switch for 1” dia. shafts.
PS-100
Low voltage and control signal simulator.
ZG-R03
MFT95 resistor kit for 0 to 135Ω control applications.
ZG-X40
120 to 24 VAC, 40 VA transformer.
ZK2-GEN
Connection cable
ZTH US
Handheld programming tool w/ ZK1-GEN, ZK2-GEN, ZK6-GEN.
Typical Specification
Spring return control damper actuators shall be direct coupled type which
require no crank arm and linkage and be capable of direct mounting to a
jackshaft up to a 1.05” diameter. The actuator must provide modulating
damper control in response to a 0 to 135 ohm control input from a Honeywell
Series 90 controller or equivalent. The actuators must be designed so that
they may be used for either clockwise or counter clockwise fail-safe operation.
Actuators shall use a brushless DC motor controlled by a microprocessor
and be protected from overload at all angles of rotation. Run time shall be
constant, and independent of torque. A 2 to 10 VDC feedback signal shall be
provided for position feedback or master slave applications. Actuators shall be
cULus listed and have a 5 year warranty, and be manufactured under ISO 9001
International Quality Control Standards. Actuators shall be as manufactured
by Belimo.
Wiring Diagrams
!
WARNING! LIVE ELECTRICAL COMPONENTS!
During installation, testing, servicing and troubleshooting of this
product, it may be necessary to work with live electrical components.
Have a qualified licensed electrician or other individual who has been
properly trained in handling live electrical components perform these
tasks. Failure to follow all electrical safety precautions when exposed to
live electrical components could result in death or serious injury.
Meets cULus requirements without the need of an electrical ground
connection.
Provide overload protection and disconnect as required.
Actuators may also be powered by 24 VDC.
22
Actuators and controller must have separate transformers.
23
Consult controller instruction data for more detailed information.
24
Resistor value depends on the type of controller and the number of
actuators. No resistor is used for one actuator. Honeywell® resistor kits
may also be used.
25
To reverse control rotation, use the reversing switch.
46
Actuators may be controlled in parallel. Current draw and input
impedance must be observed.
Blk
Red
Pnk
Wht
Gry
Org
A
B
A
B
Line
Volts
Line
Volts
Line
Volts
24 VAC Transformer
135 W
Controller
W
R
B
24 VAC Transformer
Switch ASwitch BDamper Position
Damper Open
Damper Closed
The direction of rotation switch is set so that the fail safe position
and the position of the damper is closed with no signal at wire R.
(1)
(2)
(6)
(3)
(7)
(5)
Common
Hot +
W
R
B
U Output
Blk
Red
Pnk
Wht
Gry
Org
(1)
(2)
(6)
(3)
(7)
(5)
Common
Hot +
W
R
B
U Output
1
3
46
1
3
46
24
24
23
22
Typical and Override Control
Line
Volts
Series 90 low limit control
135 W for 0 to 50% control
280 W for 0 to 100% control
Series 90
Controller
W
R
R
B
B
W
24 VAC Transformer
Blk
Red
Pnk
Wht
Gry
Org
(1)
(2)
(6)
(3)
(7)
(5)
Common
Hot +
W
R
B
U Output
1
3
46
24
23
22
Low Limit Control
Line
Volts
Series 90 low limit control - 280 W
Series 90
Controller
W
R
B
R W B
24 VAC Transformer
Blk
Red
Pnk
Wht
Gry
Org
(1)
(2)
(6)
(3)
(7)
(5)
Common
Hot +
W
R
B
U Output
1
3
46
24
23
22
High Limit Control
Resistor Kit No. ZG-R03
No. of
actuators Resistance
2
140 W
3
71.5 W
4
47.5 W
5
37.5 W
6
28 W
Line
Volts
Blk (1) Common
Red (2) + Hot
Pnk (6) W
Wht (3) R
Gry (7) B
Org (5) U Output
Blk (1) Common
Red (2) + Hot
Pnk (6) W
Wht (3) R
Gry (7) B
Org (5) U Output
To other actuators
Series 90
Controller
Shunting
Resistor
W
R
B
24 VAC Transformer
1
3
46
25
1
3
46
25
24
22
23
Line
Volts
24 VAC Transformer
Multiple Actuators
AFX24-MFT95 N4 Damper Actuator Technical Data Sheet
NEMA 4, Modulating, Spring Return, 24 V, 0 to 135
Ω Input
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com