Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GHB-0805DU-R2 Datasheet(PDF) 3 Page - Gilway Technical Lamp

No. de pieza GHB-0805DU-R2
Descripción Electrónicos  These chip-type LEDs utilize Aluminum Indium Gallium Phosphide (AlInGaP) material technology.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GILWAY [Gilway Technical Lamp]
Página de inicio  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-0805DU-R2 Datasheet(HTML) 3 Page - Gilway Technical Lamp

  GHB-0805DU-R2 Datasheet HTML 1Page - Gilway Technical Lamp GHB-0805DU-R2 Datasheet HTML 2Page - Gilway Technical Lamp GHB-0805DU-R2 Datasheet HTML 3Page - Gilway Technical Lamp GHB-0805DU-R2 Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optical Characteristics
TA = 25°C
Luminous
Color,
Viewing
Luminous
Intensity
Peak
Dominant
Angle
Efficacy
Iv (mcd)
Wavelength
Wavelength
2 q1/2
hv
Part
@ 20 mA[1]
lpeak (nm)
l [2]
d
(nm)
Degrees[3]
(lm/w)
Number
Color
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
GHB-0805DU-Y
AS Amber
25
90
595
592
170
480
GHB-0805DU-O
AS Orange
25
90
609
605
170
370
GHB-0805DU-R
AS Red
25
90
637
626
170
155
GHB-0805DU-R2
TS Red
40
165
643
631
170
122
Notes:
1. The luminous intensity, I v, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the
lamp package.
2. The dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3. q1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
WAVELENGTH Ð nm
AS AlInGaP
AMBER
TS AlInGaP
RED
1.0
0.5
0
500
550
600
650
700
750
AS AlInGaP
ORANGE
A
RS
ED
AlInGaP
100
10
1
0.1
1.5
1.7
1.9
2.1
2.5
VF Ð FORWARD VOLTAGE Ð V
TS AlInGaP
2.3
AS AlInGaP
0
5
15
30
IF
1.4
1.0
0.4
0
Ð FORWARD CURRENT Ð mA
0.8
0.6
0.2
10
20
1.2
25
35
0
0
5
20
60
80
100
TA
30
25
15
10
40
Ð AMBIENT TEMPERATURE Ð ¡C
20
RqJ-A = 800¡C/W
RqJ-A = 600¡C/W
RqJ-A = 500¡C/W
1.00
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
ANGLE
0.90
-70
-50
-30
0
20 30
50
70
90
-90
-20
-80
-60
-40
-10
10
40
60
80



Html Pages

1 2 3 4