Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F723ICI7TR Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STM32F723ICI7TR
Descripción Electrónicos  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723ICI7TR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F723ICI7TR Datasheet HTML 1Page - STMicroelectronics STM32F723ICI7TR Datasheet HTML 2Page - STMicroelectronics STM32F723ICI7TR Datasheet HTML 3Page - STMicroelectronics STM32F723ICI7TR Datasheet HTML 4Page - STMicroelectronics STM32F723ICI7TR Datasheet HTML 5Page - STMicroelectronics STM32F723ICI7TR Datasheet HTML 6Page - STMicroelectronics STM32F723ICI7TR Datasheet HTML 7Page - STMicroelectronics STM32F723ICI7TR Datasheet HTML 8Page - STMicroelectronics STM32F723ICI7TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 229 page
background image
STM32F722xx STM32F723xx
2/229
DS11853 Rev 6
– 1 x CAN (2.0B active)
– 2 x SDMMCs
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with dedicated
DMA, on-chip full-speed PHY and on-chip
Hi-speed PHY or ULPI depending on the
part number
• True random number generator
• CRC calculation unit
• RTC: subsecond accuracy, hardware calendar
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F722xx
STM32F722IC, STM32F722IE, STM32F722RC, STM32F722RE, STM32F722VC,
STM32F722VE, STM32F722ZC, STM32F722ZE
STM32F723xx
STM32F723IC, STM32F723IE, STM32F723VC, STM32F723VE, STM32F723ZC,
STM32F723ZE