Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F723VCK7TR Datasheet(PDF) 82 Page - STMicroelectronics

No. de pieza STM32F723VCK7TR
Descripción Electrónicos  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCK7TR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F723VCK7TR Datasheet HTML 78Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 79Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 80Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 81Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 82Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 83Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 84Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 85Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 229 page
background image
59
93
137
B5
165
93
B8
B5
D6
137 165
PB7
I/O
FTf
-
TIM4_CH2, I2C1_SDA,
USART1_RX, FMC_NL,
EVENTOUT
-
60
94
138
D6
166
94
A7
D6
D5
138 166
BOOT
I
B
-
-
VPP
61
95
139
A5
167
95
C8
A5
C5
139 167
PB8
I/O
FTf
-
TIM4_CH3, TIM10_CH1,
I2C1_SCL, CAN1_RX,
SDMMC2_D4, SDMMC1_D4,
EVENTOUT
-
62
96
140
B4
168
96
D8
B4
B5
140 168
PB9
I/O
FTf
-
TIM4_CH4, TIM11_CH1,
I2C1_SDA, SPI2_NSS/I2S2_WS,
CAN1_TX, SDMMC2_D5,
SDMMC1_D5, EVENTOUT
-
-
97
141
A4
169
97
E7
A4
A5
141 169
PE0
I/O
FT
-
TIM4_ETR, LPTIM1_ETR,
UART8_Rx, SAI2_MCK_A,
FMC_NBL0, EVENTOUT
-
-
98
142
A3
170
98
B9
A3
A4
142 170
PE1
I/O
FT
-
LPTIM1_IN2, UART8_Tx,
FMC_NBL1, EVENTOUT
-
63
99
-
D5
-
99
A8
D5
E6
-
-
VSS
S
-
-
-
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx