Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F723VCK6TR Datasheet(PDF) 76 Page - STMicroelectronics

No. de pieza STM32F723VCK6TR
Descripción Electrónicos  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCK6TR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32F723VCK6TR Datasheet HTML 72Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 73Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 74Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 75Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 76Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 77Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 78Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 79Page - STMicroelectronics STM32F723VCK6TR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 229 page
background image
39
65
98
G14 117
65
D2
G14 F11
98
117
PC8
I/O
FT
-
TRACED1, TIM3_CH3,
TIM8_CH3, UART5_RTS,
USART6_CK, SDMMC1_D0,
EVENTOUT
-
40
66
99
F14 118
66
D1
F14 E11
99
118
PC9
I/O
FTf
-
MCO2, TIM3_CH4, TIM8_CH4,
I2C3_SDA, I2S_CKIN,
UART5_CTS,
QUADSPI_BK1_IO0,
SDMMC1_D1, EVENTOUT
-
41
67
100 F15 119
67
D3
F15 E12 100 119
PA8
I/O
FTf
-
MCO1, TIM1_CH1, TIM8_BKIN2,
I2C3_SCL, USART1_CK,
OTG_FS_SOF, EVENTOUT
-
42
68
101 E15 120
68
C3
E15 D12 101 120
PA9
I/O
FT
-
TIM1_CH2, I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX, EVENTOUT
OTG_FS_VBUS
43
69
102 D15 121
69
C2
D15 D11 102 121
PA10
I/O
FT
-
TIM1_CH3, USART1_RX,
OTG_FS_ID, EVENTOUT
-
44
70
103 C15 122
70
C1
C15 C12 103 122
PA11
I/O
FT
-
TIM1_CH4, USART1_CTS,
CAN1_RX, OTG_FS_DM,
EVENTOUT
-
45
71
104 B15 123
71
B2
B15 B12 104 123
PA12
I/O
FT
-
TIM1_ETR, USART1_RTS,
SAI2_FS_B, CAN1_TX,
OTG_FS_DP, EVENTOUT
-
46
72
105 A15 124
72
B1
A15 A12 105 124
PA13(JTMS-
SWDIO)
I/O
FT
-
JTMS-SWDIO, EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx