Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L552QE Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STM32L552QE
Descripción Electrónicos  Excellence in ultra-low power with more security
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552QE Datasheet(HTML) 2 Page - STMicroelectronics

  STM32L552QE Datasheet HTML 1Page - STMicroelectronics STM32L552QE Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order code: FLSTM32L50420
For more information on ST products and solutions, visit www.st.com/stm32l5
STM32L562 block diagram
Analog
2 x 12-bit ADC 12/16 bits
5 MSPS, 2 x DAC,
2 x comparators,
2 x op amps
1 x temperature sensor
Timers
14 timers including:
2x 16-bit advanced
motor control timers
2x LPUART timers
3x 16-bit-timers
2 x 32-bit timers
Connectivity
USB Device Crystal-less,
USB Type-C and PD,
1x SD/SDIO/MMC, 3 x SPI,
4 x I²C, 1x CAN FD,
1 x Octo-SPI,
5 x USART + 1 x LPUART
Digital
2x SAI, DFSDM
(4 channels)
I/Os
Up to 115 I/Os
Touch-sensing controller
AES (256-bit), PKA,
SHA-1, SHA-256,TRNG,
CRC, OTFDEC
Encryption
256-Kbyte
RAM
ART AcceleratorTM
DMA
Up to 512-Kbyte
Flash memory
Dual Bank
Arm® Cortex®-M33 CPU
110 MHz
TrustZone®
FPU
MPU
ETM
FSMC 8-/16-bit
(TFT-LCD, SRAM,
NOR, NAND)
Parallel interface
STM32L5 Portfolio
Legend:
without HW crypto
with HW crypto
Flash memory size / RAM size (bytes)
Pin count
512 K / 256 K
48-pin
LQFP/QFN
64-pin
LQFP
81-pin
WLCSP
100-pin
LQFP
132-pin
UFBGA
(0.5 mm pitch)
144-pin
LQFP
STM32L562CE STM32L562RE STM32L562ME STM32L562VE STM32L562QE STM32L562ZE
256 K / 256 K
STM32L552CC STM32L552RC
STM32L552VC STM32L552QC STM32L552ZC
STM32L552CE STM32L552RE STM32L552ME STM32L552VE STM32L552QE STM32L552ZE
Hardware tools
Evaluation board
Full feature development plaform
STM32L552E-EV
Discovery kit
Flexible prototyping with on-board
Energy meter
STM32L562E-DK
STM32 Nucleo-144 development
board
An affordable and flexible way to try out
new concepts
NUCLEO-L552ZE-Q (SMPS version)
STM32Cube Ecosystem
Full set of software tools including STM32CubeMX to configure, generate code,
calculate power consumption; STM32CubeIDE to configure, develop, compile and
debug; STM32CubeProgrammer to program internal or external memories through
JTAG or bootloader interfaces; and STM32CubeMonitor-Power to display power
consumption.
One-stop-shop STM32Cube embedded software package with user-friendly
license terms including MCU drivers, middleware (USB, TLS, Crypto, touch
sensing, file system, TF-M and RTOS), project examples for IAR, Keil and
STM32CubeIDE IDEs. TF-M is an open-source reference code to implement a
Trusted Execution Environment (TEE) as specified in Arm PSA.
The STM32Trust ecosystem
combines knowledge, design
tools, and ready-to-use
original ST software to build
strong cyber-protection into
new IoT devices, leveraging
industry best-practices.
www.st.com/stm32trust
STM32L5 SERIES | ULTRA-LOW-POWER AND MORE PERFORMANCE AND MORE PERFORMANCE
© STMicroelectronics - April 2020 - All rights reserved
ST and ST logo are trademarks or registered trademarks of STMicroelectronics International NV or its affiliates in the
EU and/or other countries. For additional information about ST trademarks, please refer to www.st.com/trademarks.
All other product or service names are the property of their respective owners.
STM32L5 ON-LINE TRAINING
www.st.com/stm32l5-online-training
ST COMMUNITY
community.st.com/stm32



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com