Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F723VCT6TR Datasheet(PDF) 71 Page - STMicroelectronics

No. de pieza STM32F723VCT6TR
Descripción Electrónicos  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCT6TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F723VCT6TR Datasheet HTML 67Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 68Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 69Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 70Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 71Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 72Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 73Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 74Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 229 page
background image
-
44
67
P11
77
44
K4
P11
L8
67
77
PE14
I/O
FT
-
TIM1_CH4, SPI4_MOSI,
SAI2_MCK_B, FMC_D11,,
EVENTOUT
-
-
45
68
R11
78
45
F4
R11
M8
68
78
PE15
I/O
FT
-
TIM1_BKIN, FMC_D12,
EVENTOUT
-
28
46
69
R12
79
46
G3
R12
M9
69
79
PB10
I/O
FTf (4)
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
USART3_TX,
OTG_HS_ULPI_D3, EVENTOUT
-
29
47
70
R13
80
47
H3
R13 M10
70
80
PB11
I/O
FTf (4)
TIM2_CH4, I2C2_SDA,
USART3_RX,
OTG_HS_ULPI_D4, EVENTOUT
-
30
48
71
M10
81
48
J3
M10
H7
71
81
VCAP_1
S
-
-
-
-
31
49
-
-
-
49
K3
-
-
-
-
VSS
S
-
-
-
-
32
50
72
N10
82
50
K2
N10
G7
72
82
VDD
S
-
-
-
-
--
-
M11
83
-
-
M11
-
-
83
PH6
I/O
FT
-
I2C2_SMBA, SPI5_SCK,
TIM12_CH1, FMC_SDNE1,
EVENTOUT
-
-
-
-
N12
84
-
-
N12
-
-
84
PH7
I/O
FTf
-
I2C3_SCL, SPI5_MISO,
FMC_SDCKE1, EVENTOUT
-
-
-
-
M12
85
-
-
M12
-
-
85
PH8
I/O
FTf
-
I2C3_SDA, FMC_D16,
EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx