| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F722IC Datasheet(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722IC Datasheet(HTML) 75 Page - STMicroelectronics |
|
75 / 229 page ![]() - - 89 K14 108 - - K14 J10 91 110 PG4 I/O FT - FMC_A14/FMC_BA0, EVENTOUT - - - 90 K13 109 - - K13 H12 92 111 PG5 I/O FT - FMC_A15/FMC_BA1, EVENTOUT - - - 91 J15 110 - - - - - - PG6 I/O FT - EVENTOUT - - - 92 J14 111 - - - - - - PG7 I/O FT - USART6_CK, FMC_INT, EVENTOUT - - - 93 H14 112 - - H14 G11 93 112 PG8 I/O FT - USART6_RTS, FMC_SDCLK, EVENTOUT - - - 94 G12 113 - - G12 - 94 113 VSS S - - - - -- - - - - - - F10 - - VDD - - - - - - - 95 H13 114 - K1 H13 C11 95 114 VDDUSB S - - - - 37 63 96 H15 115 63 E1 H15 G12 96 115 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2S2_MCK, USART6_TX, SDMMC2_D6, SDMMC1_D6, EVENTOUT - 38 64 97 G15 116 64 D4 G15 F12 97 116 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2S3_MCK, USART6_RX, SDMMC2_D7, SDMMC1_D7, EVENTOUT - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |