Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PC48F2P0VB00 Datasheet(PDF) 99 Page - Intel Corporation

No. de pieza PC48F2P0VB00
Descripción Electrónicos  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F2P0VB00 Datasheet(HTML) 99 Page - Intel Corporation

Back Button PC48F2P0VB00 Datasheet HTML 94Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 95Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 96Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 97Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 98Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 99Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 100Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 101Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 102Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
99
Table 40.
Partition and Erase-block Region Information
Offset(1)
P= 10Ah
Description
Bottom
Top
(Optional flash features and com mands)
(P+23)h
(P+23)h
12D:
--00
0
Hex
Code
Add.
Value
Number of device hardw are-partition regions w ithin the device.
x = 0: a single hardw are partition device (no fields f ollow ).
x specifies the number of device partition regions containing
one or more contiguous erase block regions.