Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PC48F3P0VTQ0 Datasheet(PDF) 71 Page - Intel Corporation

No. de pieza PC48F3P0VTQ0
Descripción Electrónicos  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Datasheet(HTML) 71 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 67Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 68Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 69Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 70Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 71Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 72Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 73Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 74Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
71
SR[5]. If a command sequence error occurs during an erase suspend, SR[4] and SR[5] remains set,
even after the erase operation is resumed. Unless the Status Register is cleared using the Clear
Status Register command before resuming the erase operation, possible erase errors may be
masked by the command sequence error.
If a block is locked or locked-down during an erase suspend of the same block, the lock status bits
change immediately. However, the erase operation completes when it is resumed. Block lock
operations cannot occur during a program suspend. See Appendix A, “Write State Machine” on
page 78, which shows valid commands during an erase suspend.
13.2
Selectable One-Time Programmable Blocks
Any of four pre-defined areas from the main array (the four 32 KB parameter blocks together as
one and the three adjacent 128 KB main blocks) can be configured as One-Time Programmable
(OTP) so further program and erase operations are not allowed. This option is available for top or
bottom parameter devices.
Please see your local Intel representative for details about the Selectable OTP implementation.
Table 27.
Selectable OTP Block Mapping
Density
Top Parameter Configuration
Bottom Parameter Configuration
256-Mbit
blocks 258:255 (parameters)
blocks 3:0 (parameters)
block 254 (main)
block 4 (main)
block 253 (main)
block 5 (main)
block 252 (main)
block 6 (main)
128-Mbit
blocks 130:127 (parameters)
blocks 3:0 (parameters)
block 126 (main)
block 4 (main)
block 125 (main)
block 5 (main)
block 124 (main)
block 6 (main)
64-Mbit
blocks 66:63 (parameters)
blocks 3:0 (parameters)
block 62 (main)
block 4 (main)
block 61 (main)
block 5 (main)
block 60 (main)
block 6 (main)
Note:
The 512-Mbit and 1-Gbit devices will have multiple Selectable OTP Areas depending on
the number of 256-Mbit dies in the stack and the placement of the parameter blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com