| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F913 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 272 page ![]() PIC16F917/916/914/913 DS41250E-page 12 Preliminary © 2005 Microchip Technology Inc. RC7/RX/DT/SDI/SDA/SEG8 RC7 ST CMOS General purpose I/O. RX ST — USART asynchronous serial receive. DT ST CMOS USART synchronous serial data. SDI ST CMOS SPI™ data input. SDA ST CMOS I2C™ data. SEG8 — AN LCD analog output. RD0/COM3(1, 2) RD0 ST CMOS General purpose I/O. COM3 — AN LCD analog output. RD1(2) RD1 ST CMOS General purpose I/O. RD2/CCP2(2) RD2 ST CMOS General purpose I/O. CCP2 ST CMOS Capture 2 input/Compare 2 output/PWM 2 output. RD3/SEG16(2) RD3 ST CMOS General purpose I/O. SEG16 — AN LCD analog output. RD4/SEG17(2) RD4 ST CMOS General purpose I/O. SEG17 — AN LCD analog output. RD5/SEG18(2) RD5 ST CMOS General purpose I/O. SEG18 — AN LCD analog output. RD6/SEG19(2) RD6 ST CMOS General purpose I/O. SEG19 — AN LCD analog output. RD7/SEG20(2) RD7 ST CMOS General purpose I/O. SEG20 — AN LCD analog output. RE0/AN5/SEG21(2) RE0 ST CMOS General purpose I/O. AN5 AN — Analog input Channel 5. SEG21 — AN LCD analog output. RE1/AN6/SEG22(2) RE1 ST CMOS General purpose I/O. AN6 AN — Analog input Channel 6. SEG22 — AN LCD analog output. RE2/AN7/SEG23(2) RE2 ST CMOS General purpose I/O. AN7 AN — Analog input Channel 7. SEG23 — AN LCD analog output. RE3/MCLR/VPP RE3 ST — Digital input only. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. VDD VDD D — Power supply for microcontroller. VSS VSS D — Ground reference for microcontroller. TABLE 1-1: PIC16F91X PINOUT DESCRIPTIONS (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output D = Direct TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels HV = High Voltage XTAL = Crystal Note 1: COM3 is available on RA3 for the PIC16F913/916 and on RD0 for the PIC16F914/917. 2: Pins available on PIC16F914/917 only. |