Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SXF6521 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

No. de pieza SXF6521
Descripción Electrónicos  High Voltage Surface Mount Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Página de inicio  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

SXF6521 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  SXF6521 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD SXF6521 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SXF6521 500mA 2.0kV 75nS
High Voltage Surface Mount Diodes
----------------------------------------------------------------------------------------------------------------------------- -------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2020-08 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier diodes is made
of high quality silicon wafer chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. High reliability design.
2. Fast recovery time.
3. SMT.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Detecting equipment.
2. General purpose high voltage rectifier. .
3. Rectification for X-ray generator high voltage
power supply.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.09 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: SMA-J
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
2.0
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
--
kV
Average Forward Current Maximum
IFAVM
TA=55°C
500
mA
TOIL=100°C
250
mA
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 60Hz Half-Sine Wave; 8.3mS
25
A
Junction Temperature
TJ
150
°C
Allowable Operation Case Temperature
Tc
-40~+150
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
5.0
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
0.5
uA
IR2
at 100°C; at VRRM
20
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
75
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
8.0
pF


Número de pieza similar - SXF6521

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Voltage Multipliers Inc...
SXF6521 VMI-SXF6521 Datasheet
108Kb / 1P
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time
SXF6521 VMI-SXF6521 Datasheet
134Kb / 2P
High Voltage Diodes - Surface Mount 150mA - 500mA ??70ns
SXF6521 VMI-SXF6521_13 Datasheet
134Kb / 2P
High Voltage Diodes - Surface Mount 150mA - 500mA ??70ns
More results

Descripción similar - SXF6521

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV101 PANJIT-BAV101_09 Datasheet
81Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV201 PANJIT-BAV201_09 Datasheet
87Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
New Jersey Semi-Conduct...
1N6513US NJSEMI-1N6513US Datasheet
307Kb / 1P
HIGH VOLTAGE DIODES - SURFACE MOUNT
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
GETAI ELECTRONICS DEVIC...
SXF6523 GETEDZ-SXF6523 Datasheet
518Kb / 2P
High Voltage Surface Mount Diodes
SXF6525 GETEDZ-SXF6525 Datasheet
514Kb / 2P
High Voltage Surface Mount Diodes
logo
DONGGUAN YOU FENG WEI E...
MT08 YFWDIODE-MT08 Datasheet
389Kb / 2P
High voltage surface mount diodes
MT0850 YFWDIODE-MT0850 Datasheet
530Kb / 2P
High voltage surface mount diodes
SP5L YFWDIODE-SP5L Datasheet
383Kb / 2P
High voltage surface mount diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com