Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM5031 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM5031
Descripción Electrónicos  High input Voltage Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5031 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5031 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
4.5
5.0
5.5
6.0
6.5
900
920
940
960
980
1000
Vprog vs Vin
Vin(V)
Rprog=1K
Vbat=3.8V
-40°
-20°
20°
40°
60°
80°
100°
945
950
955
960
965
970
975
980
985
990
Vprog vs.Temperature
Temperature(°C)
Rprog=1K
Vbat=3.8V
4.5
5.0
5.5
6.0
6.5
4.05
4.10
4.15
4.20
4.25
Vfloat vs.Vin
Vin(V)
Rprog=1K
Ibat=4mA
Cbat=470uF
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
2.5
2.6
2.7
2.8
2.9
Trickle Charge Threshold vs.Temperature
Temperature(°C)
Rprog=1K
-40°
-20°
20°
40°
60°
80°
100°
3.85
3.90
3.95
4.00
4.05
4.10
4.15
Recharge Voltage vs.Temperature
Temperature(°C)
Rprog=1K
-40°
-20°
20°
40°
60°
80°
100°
750
800
850
900
950
1000
Ibat vs.Temperature
Temperature(°C)
Rprog=1K
HM5031



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com