Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATXMEGA8E5 Datasheet(PDF) 136 Page - Microchip Technology

No. de pieza ATXMEGA8E5
Descripción Electrónicos  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 136 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 132Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 133Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 134Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 135Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 136Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 137Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 138Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 139Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 136
ATxmega32E5/16E5/8E5
Figure 37-72. 32.768kHz Internal Oscillator Frequency vs. Calibration Value
VCC = 3.0V
Figure 37-73. 32.768kHz Internal Oscillator Calibration Step Size
VCC = 3.0V, T = 25°C to 105°C
20.00
25.00
30.00
35.00
40.00
45.00
50.00
0
24
48
72
96
120
144
168
192
216
240
264
CAL
Temperature
-40
25
85
105
-5.00
-4.00
-3.00
-2.00
-1.00
0.00
1.00
0
32
64
96
128
160
192
224
256
CAL
Temperature
-40
25
85
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com