Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATXMEGA8E5 Datasheet(PDF) 133 Page - Microchip Technology

No. de pieza ATXMEGA8E5
Descripción Electrónicos  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 133 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 129Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 130Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 131Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 132Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 133Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 134Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 135Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 136Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 133
ATxmega32E5/16E5/8E5
Figure 37-67. Reset Pin Input Threshold Voltage vs. VCC
VIL - Reset pin read as “0”
37.9 Power-on Reset Characteristics
Figure 37-68. Power-on Reset Current Consumption vs. VCC
BOD level = 3.0V, enabled in continuous mode
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Vcc [V]
T [°C]
-40
25
85
105
0
100
200
300
400
500
600
700
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
V_CC_ [V]
T [°C]
-40
25
85
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com