| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATXMEGA32E5 Datasheet(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATXMEGA32E5 Datasheet(HTML) 71 Page - Microchip Technology |
|
71 / 153 page ![]() 2018 Microchip Technology Inc. Data Sheet Complete DS40002059A-page 71 ATxmega32E5/16E5/8E5 RCALL k Relative Call Subroutine PC PC + k + 1 None 2 / 3(1) ICALL Indirect Call to (Z) PC(15:0) PC(21:16) Z, 0 None 2 / 3(1) EICALL Extended Indirect Call to (Z) PC(15:0) PC(21:16) Z, EIND None 3(1) CALL k call Subroutine PC k None 3 / 4(1) RET Subroutine Return PC STACK None 4 / 5(1) RETI Interrupt Return PC STACK I 4 / 5(1) CPSE Rd,Rr Compare, Skip if Equal if (Rd = Rr) PC PC + 2 or 3 None 1 / 2 / 3 CP Rd,Rr Compare Rd - Rr Z,C,N,V,S,H 1 CPC Rd,Rr Compare with Carry Rd - Rr - C Z,C,N,V,S,H 1 CPI Rd,K Compare with Immediate Rd - K Z,C,N,V,S,H 1 SBRC Rr, b Skip if Bit in Register Cleared if (Rr(b) = 0) PC PC + 2 or 3 None 1 / 2 / 3 SBRS Rr, b Skip if Bit in Register Set if (Rr(b) = 1) PC PC + 2 or 3 None 1 / 2 / 3 SBIC A, b Skip if Bit in I/O Register Cleared if (I/O(A,b) = 0) PC PC + 2 or 3 None 2 / 3 / 4 SBIS A, b Skip if Bit in I/O Register Set If (I/O(A,b) =1) PC PC + 2 or 3 None 2 / 3 / 4 BRBS s, k Branch if Status Flag Set if (SREG(s) = 1) then PC PC + k + 1 None 1 / 2 BRBC s, k Branch if Status Flag Cleared if (SREG(s) = 0) then PC PC + k + 1 None 1 / 2 BREQ k Branch if Equal if (Z = 1) then PC PC + k + 1 None 1 / 2 BRNE k Branch if Not Equal if (Z = 0) then PC PC + k + 1 None 1 / 2 BRCS k Branch if Carry Set if (C = 1) then PC PC + k + 1 None 1 / 2 BRCC k Branch if Carry Cleared if (C = 0) then PC PC + k + 1 None 1 / 2 BRSH k Branch if Same or Higher if (C = 0) then PC PC + k + 1 None 1 / 2 BRLO k Branch if Lower if (C = 1) then PC PC + k + 1 None 1 / 2 BRMI k Branch if Minus if (N = 1) then PC PC + k + 1 None 1 / 2 BRPL k Branch if Plus if (N = 0) then PC PC + k + 1 None 1 / 2 BRGE k Branch if Greater or Equal, Signed if (N V= 0) then PC PC + k + 1 None 1 / 2 BRLT k Branch if Less Than, Signed if (N V= 1) then PC PC + k + 1 None 1 / 2 BRHS k Branch if Half Carry Flag Set if (H = 1) then PC PC + k + 1 None 1 / 2 BRHC k Branch if Half Carry Flag Cleared if (H = 0) then PC PC + k + 1 None 1 / 2 BRTS k Branch if T Flag Set if (T = 1) then PC PC + k + 1 None 1 / 2 BRTC k Branch if T Flag Cleared if (T = 0) then PC PC + k + 1 None 1 / 2 BRVS k Branch if Overflow Flag is Set if (V = 1) then PC PC + k + 1 None 1 / 2 BRVC k Branch if Overflow Flag is Cleared if (V = 0) then PC PC + k + 1 None 1 / 2 BRIE k Branch if Interrupt Enabled if (I = 1) then PC PC + k + 1 None 1 / 2 BRID k Branch if Interrupt Disabled if (I = 0) then PC PC + k + 1 None 1 / 2 Data transfer instructions MOV Rd, Rr Copy Register Rd Rr None 1 MOVW Rd, Rr Copy Register Pair Rd+1:Rd Rr+1:Rr None 1 Mnemonics Operands Description Operation Flags #Clocks |