Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LIS25BATR Datasheet(PDF) 30 Page - STMicroelectronics

No. de pieza LIS25BATR
Descripción Electrónicos  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 24Page - STMicroelectronics LIS25BATR Datasheet HTML 25Page - STMicroelectronics LIS25BATR Datasheet HTML 26Page - STMicroelectronics LIS25BATR Datasheet HTML 27Page - STMicroelectronics LIS25BATR Datasheet HTML 28Page - STMicroelectronics LIS25BATR Datasheet HTML 29Page - STMicroelectronics LIS25BATR Datasheet HTML 30Page - STMicroelectronics LIS25BATR Datasheet HTML 31Page - STMicroelectronics LIS25BATR Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Package information
LIS25BA
30/32
DocID031510 Rev 4
Figure 18. Reel information for carrier tape of LGA-14 package
Table 27. Reel dimensions for carrier tape of LGA-14 package
Reel dimensions (mm)
A (max)
330
B (min)
1.5
C
13 ±0.25
D (min)
20.2
N (min)
60
G
12.4 +2/-0
T (max)
18.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32