Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS7C3364NTF32B Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

No. de pieza AS7C3364NTF32B
Descripción Electrónicos  3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALSC [Alliance Semiconductor Corporation]
Página de inicio  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364NTF32B Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS7C3364NTF32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 16Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
®
AS7C3364NTF32B/36B
4/28/05, v 1.0
Alliance Semiconductor
P. 12 of 19
Timing waveform of read/write cycle
Note: Ý = XOR when LBO = high/no connect. Ý = ADD when LBO = low.
tCH
tCYC
tCL
tCENS
tOH
tOE
CLK
CEN
CE0, CE2
ADV/LD
R/W
ADDRESS
D/Q
OE
Command
tHZOE
BWn
A2
A1
A3
A5
A4
A7
A6
D(A1)
D(A5)
Q(A6)
D(A2)
D(A2Ý01)
Q(A3)
Q(A4)
Q(A4Ý01)
tCENH
tDS tDH
tLZC
tCD
tHZC
tLZOE
READ
Q(A3)
READ
Q(A4)
BURST
READ
Q(A4Ý01)
WRITE
D(A5)
READ
Q(A6)
WRITE
D(A7)
DSEL
tCSS
tADVH
tWS
tWH
tWS
tWH
CE1
WRITE
D(A1)
WRITE
D(A2)
tADVS
tCSH
tAS
tAH
D(A7)
BURST
WRITE
D(A2Ý01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com