Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP3352 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

No. de pieza LP3352
Descripción Electrónicos  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER [Lowpower Semiconductor inc]
Página de inicio  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 10 of 10
LP3352 Version 0.2 AUG-2018
Outline Information
QFN-16 Package (3×3) pitch 0.5 (Unit: mm)
D
E
LPS
LP3352
YWX
A1
A
C
e
b
1
2
L
h
h
E2
Ne
Nd
D2
SYMBOL
DIMENSION IN MILLIMETER
MIN
NOM
MAX
A
0.700
0.750
0.800
A1
---
0.020
0.050
b
0.180
0.250
0.300
C
0.180
0.200
0.250
D
2.900
3.000
3.100
D2
1.550
1.650
1.750
E
2.900
3.000
3.100
E2
1.550
1.650
1.750
e
0.500 BSC
Nd
1.500 BSC
Ne
1.500 BSC
L
0.350
0.400
0.450
h
0.200
0.250
0.300



Html Pages

1 2 3 4 5 6 7 8 9 10