Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM135 Datasheet(PDF) 7 Page - Silicon Supplies

No. de pieza LM135
Descripción Electrónicos  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SS [Silicon Supplies]
Página de inicio  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM135 Datasheet(HTML) 7 Page - Silicon Supplies

Back Button LM135 Datasheet HTML 2Page - Silicon Supplies LM135 Datasheet HTML 3Page - Silicon Supplies LM135 Datasheet HTML 4Page - Silicon Supplies LM135 Datasheet HTML 5Page - Silicon Supplies LM135 Datasheet HTML 6Page - Silicon Supplies LM135 Datasheet HTML 7Page - Silicon Supplies LM135 Datasheet HTML 8Page - Silicon Supplies LM135 Datasheet HTML 9Page - Silicon Supplies LM135 Datasheet HTML 10Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Page 7 of 10
www.siliconsupplies.com
Analog Temperature Sensor – LM135
Rev 1.1
28/04/20
Typical Applications
+15V
6kΩ
VOUT
30mV/°K
LM135 x3
FIGURE 13.
Average Temperature Sensing
+15V
6kΩ
TMIN
10mV/°K
LM135 x3
FIGURE 14.
Minimum Temperature Sensing
VIN
+5 to +40V
LM334
VOUT
10mV/°K
68Ω
LM135
FIGURE 15.
Wide operating supply
FIGURE 16.
Isolated Temperature Sensor
0.1µF
0.1µF
LM135



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com