Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK2M3W64CC Datasheet(PDF) 12 Page - Intel Corporation

No. de pieza STK2M3W64CC
Descripción Electrónicos  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

STK2M3W64CC Datasheet(HTML) 12 Page - Intel Corporation

Back Button STK2M3W64CC Datasheet HTML 8Page - Intel Corporation STK2M3W64CC Datasheet HTML 9Page - Intel Corporation STK2M3W64CC Datasheet HTML 10Page - Intel Corporation STK2M3W64CC Datasheet HTML 11Page - Intel Corporation STK2M3W64CC Datasheet HTML 12Page - Intel Corporation STK2M3W64CC Datasheet HTML 13Page - Intel Corporation STK2M3W64CC Datasheet HTML 14Page - Intel Corporation STK2M3W64CC Datasheet HTML 15Page - Intel Corporation STK2M3W64CC Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
12
1.5
System Memory
The Intel Compute Stick has soldered-down memory and supports the following memory
features:
LPDDR3 1866 MHz
Dual-channel memory
2 GB memory per channel (4 GB total memory)
Refer to Section 2.1.1 on page 22 for information on the total amount of addressable memory
1.6
System Storage
The Intel Compute stick has soldered-down storage using an Embedded MultiMediaCard (eMMC)
component. All Compute Sticks have 64 GB of total storage.
NOTE
STK2M3W64CC uses a portion of this total storage for the operating system.
1.7
Processor Graphics Subsystem
The Intel Compute Stick supports graphics through Intel HD Graphics.
1.7.1
Integrated Graphics
The Intel Compute Stick supports integrated graphics via the processor.
1.7.1.1
Intel® High Definition (Intel® HD) Graphics
The Intel HD graphics controller features the following:
 HDMI 1.4b
 3D graphics hardware acceleration supporting DirectX*12, OpenCL 2.0, OGL ES Halti/2.0/1.1,
OpenGL 4.3/4.4
 Video decode hardware acceleration supporting H.264, H.265, JPEG, MJPEG, MPEG2, MVC,
VC-1, VP8 and VP9 formats
 Video encode hardware acceleration supporting H.264, H.265, JPEG, MJPEG, MPEG2, VC-1,
VP8, VP9 and MVC formats
 High-Bandwidth Digital Content Protection (HDCP) 1.4 support for content protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33