Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV23CC Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

No. de pieza BAV23CC
Descripción Electrónicos  Silicon Epitaxial Planar Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Página de inicio  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAV23CC Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAV23CC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV23CC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV23CC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
0.900
1.025
1.150
A1
0.000
0.050
0.100
b
0.300
0.400
0.500
c
0.080
0.115
0.150
D
2.800
2.900
3.000
E
1.200
1.300
1.400
HE
2.250
2.400
2.550
e
1.800
1.900
2.000
L
0.550REF
L1
0.300
0.500
θ
0o
8o
0.8
1.9
0.8
SOT-23 (TO-236)
Recommended soldering pad
Package Outline
SOT-23
BAV23 / SE / CC / CA
Silicon Epitaxial Planar Diodes
3 / 3
www.pingjingsemi.com
Revision:1.0 Jun-2018
Ordering Informatiom
Device
Package
Shipping
BAV23 Series
SOT-23
3000/Reel&Tape(7inch)



Html Pages

1 2 3