Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PJM2304NSA Datasheet(PDF) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

No. de pieza PJM2304NSA
Descripción Electrónicos  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Página de inicio  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2304NSA Datasheet(HTML) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2304NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2304NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2304NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2304NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2304NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2304NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2304NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
0.900
1.025
1.150
A1
0.000
0.050
0.100
b
0.300
0.400
0.500
c
0.080
0.115
0.150
D
2.800
2.900
3.000
E
1.200
1.300
1.400
HE
2.250
2.400
2.550
e
1.800
1.900
2.000
L
0.550REF
L1
0.300
0.500
θ
0o
8o
Device
Package
Shipping
PJM2304NSA
SOT-23
3000/Reel&Tape(7inch)
0.8
1.9
0.8
SOT-23 (TO-236)
Recommended Soldering Pad
PJM2304NSA
N- Enhancement Mode Field Effect Transistor
5 / 7
Package Outline
SOT-23
Ordering Information
www.pingjingsemi.com
Revision:1.0 Jun-2019



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com