| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PWD13F60TR Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PWD13F60TR Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 26 page ![]() Electrical data PWD13F60 6/26 DocID030865 Rev 2 3 Electrical data 3.1 Absolute maximum ratings Table 2. Absolute maximum ratings Symbol Parameter Test condition Value Unit VDS MOSFET drain-to- source voltage TJ = 25 °C 600 V VCC1, VCC2 Drivers supply voltage - -0.3 to 19 V VCCx-SENSEx VCC to SENSE pin voltage - -0.3 to 19 V VBOOTx Bootstrap voltage - GNDx -0.3 to 600 V VBO1, VBO2 BOOTx to OUTx pin voltage - -0.3 to 19 V ID Drain current (per MOSFET) DC at TCB = 25 °C(1) 1. TCB is temperature of case bottom pad. 8A DC at TCB = 100 °C(1), (2) 2. Characterized, not tested in production. 6.9 A Peak at TCB = 25 °C(1), (2), (3) 3. The value specified by the design factor, pulse duration limited by max. junction temperature and SOA. 32 A ISD Source-drain diode current (per diode) DC at TCB = 25 °C(1) 8A Peak at TCB = 25 °C(1), (2), (3) 32 A SRout Full bridge outputs slew rate (10% - 90%) (2) 40 V/ns Vi Logic inputs voltage range - -0.3 to 15 V TJ Junction temperature - -40 to 150 °C Ts Storage temperature - -40 to 150 °C Ptot Total power dissipation(4) 4. Value calculated basing on thermal resistance, power uniformly distributed over the four power MOSFETs, still air. TCB = 25 °C for each MOSFET 450 W Tamb = 25 °C, JEDEC board(5), (6) 5. The device mounted on a FR4 2s2p board as JESD51-5/7. 6. Actual applicative board max. dissipation could be higher or lower depending on the layout and cooling techniques. 6.9 W |