Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA12957 Datasheet(PDF) 1 Page - Ledil, Inc.

No. de pieza CA12957
Descripción Electrónicos  ~70째 wide beam. Assembly with 0.2 mm thick installation tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12957 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12957 Datasheet HTML 1Page - Ledil, Inc. CA12957 Datasheet HTML 2Page - Ledil, Inc. CA12957 Datasheet HTML 3Page - Ledil, Inc. CA12957 Datasheet HTML 4Page - Ledil, Inc. CA12957 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA12957_BOOM-XW
BOOM-XW
~70° wide beam. Assembly with 0.2 mm thick
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
22.2 mm
Height
13.7 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
BOOM-MC-XW
Reflector
HRPC
white
TINA-TAPE3
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12957_BOOM-XW
» Box size:
Reflector
1680
336
112
5.5
Last update: 07/03/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Número de pieza similar - CA12957

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CA12957 CREE-CA12957 Datasheet
123Kb / 4P
Boom series
More results

Descripción similar - CA12957

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with installation tape.
CA12428 LEDIL-CA12428 Datasheet
6Mb / 7P
~70째 wide beam. Assembly with holder and installation tape.
CA13045 LEDIL-CA13045_18 Datasheet
10Mb / 5P
~70째 very wide beam. Assembly with holder and installation tape.
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
~85째 wide beam. Assembly with installation tape.
CA13747 LEDIL-CA13747 Datasheet
1Mb / 5P
~165째 wide beam. Assembly with installation tape.
CA15027 LEDIL-CA15027 Datasheet
1Mb / 4P
~70째 very wide beam. Assembly with installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
CA10716 LEDIL-CA10716 Datasheet
1Mb / 4P
~20째 spot beam. Assembly with 0.4 mm thick installation tape
CA10928 LEDIL-CA10928 Datasheet
1Mb / 4P
~30째 medium beam. Assembly with 0.4 mm thick installation tape.
CA10929 LEDIL-CA10929 Datasheet
1Mb / 4P
~55째 wide beam. Assembly with 0.4 mm thick installation tape
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com