Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA11387 Datasheet(PDF) 6 Page - Ledil, Inc.

No. de pieza CA11387
Descripción Electrónicos  ~11째 smooth spot beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11387 Datasheet(HTML) 6 Page - Ledil, Inc.

  CA11387 Datasheet HTML 1Page - Ledil, Inc. CA11387 Datasheet HTML 2Page - Ledil, Inc. CA11387 Datasheet HTML 3Page - Ledil, Inc. CA11387 Datasheet HTML 4Page - Ledil, Inc. CA11387 Datasheet HTML 5Page - Ledil, Inc. CA11387 Datasheet HTML 6Page - Ledil, Inc. CA11387 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT
DATASHEET
CA11387_EMILY-SS
PHOTOMETRIC DATA (SIMULATED):
LED
OSTAR Projection Compact (Kx.CSLNM1.xx)
FWHM
12.0°
Efficiency
96 %
Peak intensity
21.9 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
LH351B
FWHM
12.0°
Efficiency
94 %
Peak intensity
14.9 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
Last update: 23/07/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com