| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KMA310 Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KMA310 Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 71 page ![]() NXP Semiconductors KMA310 Programmable angle sensor IC KMA310 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 3 — 27 February 2019 19 / 71 100 90 180 α (deg) aaa-028143 160 0 40 60 no MPC SCALE_COEFFICIENT RANGE_DETECTION ZERO_ANGLE SLOPE = 0 CLAMP_SWITCH CLAMP_HIGH CLAMP_LOW 80 100 120 80 70 60 40 50 30 10 20 0 95 5 20 140 VO/VDD (%) Figure 9. No MPC mode 9.2 MPC17 mode MPC17 mode enables curve shaping by 17 equidistant calibration points. For this purpose 16 coefficients (MPC_COEFFICIENTn) can be programmed, see Table 52, to set a specific output level for each calibration point. In this mode, all points are scaling with the angular range to define calibration coefficients at equidistant positions as shown in Figure 10. aaa-028144 MPC17 MPC_1 MPC_2 MPC_3 MPC_16 MPC_15 MPC_14 MPC_13 MPC_12 MPC_11 MPC_10 MPC_9 MPC_8 MPC_7 MPC_6 MPC_5 MPC_4 100 90 180 α (deg) VO/VDD (%) 160 0 40 60 SCALE_COEFFICIENT RANGE_DETECTION ZERO_ANGLE SLOPE = 0 CLAMP_SWITCH CLAMP_HIGH CLAMP_LOW 80 100 120 80 70 60 40 50 30 10 20 0 95 5 20 140 Figure 10. MPC17 mode |