Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BGSA11GN10 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza BGSA11GN10
Descripción Electrónicos  Dual Single Pole Single Throw Antenna Tuning Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSA11GN10 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGSA11GN10 Datasheet HTML 1Page - Infineon Technologies AG BGSA11GN10 Datasheet HTML 2Page - Infineon Technologies AG BGSA11GN10 Datasheet HTML 3Page - Infineon Technologies AG BGSA11GN10 Datasheet HTML 4Page - Infineon Technologies AG BGSA11GN10 Datasheet HTML 5Page - Infineon Technologies AG BGSA11GN10 Datasheet HTML 6Page - Infineon Technologies AG BGSA11GN10 Datasheet HTML 7Page - Infineon Technologies AG BGSA11GN10 Datasheet HTML 8Page - Infineon Technologies AG BGSA11GN10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BGSA GN
Dual Single Pole Single Throw Antenna Tuning Switch
Maximum Ratings
Maximum Ratings
Table : Maximum Ratings, Table I
at TA = 25 C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Frequency Range
f
.
GHz
)
Supply voltage )
VDD
-.
.
V
Only for infrequent and short
duration time periods
Storage temperature range
TSTG
-
C
RF input power
PRF_max
dBm
Pulsed RF input power, duty
cycle of
% with T_period=
µ
s, ON-state, setup as of
Fig.
RF voltage
VRF_max
V
Short term peaks ( µs, duty cy-
cle . %), Isolation mode, test
setup acc. Fig. / Fig. and
exceeding typical linearity, RON
and COFF parameters
ESD capability, CDM )
VESD
CDM
-
+
kV
ESD capability, HBM )
VESD
HBM
-
+
kV
ESD capability, system level (RF port) )
VESD
ANT
-
+
kV
RF vs system GND, with
nH
shunt inductor
Junction temperature
TJ
C
Thermal resistance junction - soldering point RthJS
K/W
Maximum DC-voltage on RF-Ports and RF-
Ground
VRFDC
V
No DC voltages allowed on RF-
Ports
Control Voltage Levels
VCtrlx
-.
VDD+.
(max.
.)
V
Moisture Sensitivity Level
MSL
)
Switch has a low-pass response. For higher frequencies, losses have to be considered for their impact on thermal heating. The DC voltage at RF ports VRFDC has
to be V.
)
Note: Consider potential ripple voltages on top of VIO. Including RF ripple, VIO must not exceed the maximum ratings: VCtrl = VDC + VRipple.
)
Field-Induced Charged-Device Model ANSI/ESDA/JEDEC JS-
. Simulates charging/discharging events that occur in production equipment and processes.
Potential for CDM ESD events occurs whenever there is metal-to-metal contact in manufacturing.
)
Human Body Model ANSI/ESDA/JEDEC JS-
(R = 1,5 kΩ, C = 100 pF).
)
IEC
-- (R = 330 Ω, C = 150 pF), contact discharge.
Warning: Stresses above the max. values listed here may cause permanent damage to the device. Maximum ratings
are absolute ratings; exceeding only one of these values may cause irreversible damage to the integrated circuit. Expo-
sure to conditions at or below absolute maximum rating but above the specified maximum operation conditions may
a ect device reliability and life time. Functionality of the device might not be given under these conditions.
Data Sheet
Revision .
- -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com